Part Number Hot Search : 
MINISO8 RA252PT TA7208 1N2133AR 10011 R24D15 DG387AA 472ML
Product Description
Full Text Search
 

To Download MB4005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  low cost  high forward surge current capability low thermal resistan c  high isolation voltage from case to lugs.  high temperature soldering guaranteed: 260  /10 second, at 5 lbs. (2.3kg) tension. mechanical data  case: molded body  terminal: plated 0.25" (6.35mm) lug.  polarity: polarity symbols marked on case.  mounting: thru hole for #10 screw, 20 in - lbs. torque max  weight: 0.84ounce, 24gram maximum ratings and electrical characteristics  ratings at 25  ambient temperature unless otherwise specified  single phase, half wave, 60hz, resistive or inductive load.  for capacitive load derate current by 20% symbols MB4005 mb401 mb402 mb404 mb406 mb408 mb4010 unit v rrm        volts maximum rms voltage v rms
        volts maximum dc blocking voltage v dc        volts maximum average forward rectified output current, at t c = 50  (note1, 2) peak forward surge current 8.3ms single half sine - wave superimposed on rated load (jedec method ) rating for fusing (t<8.3ms) i 2 ta 2 s per bridge element at 20a maximum dc reverse current at rate d t a = 25  amp dc blocking voltage per element t a    mamp isolation voltage from case to lugs v iso v ac typical thermal resistance (note 1, 2) r jc  /w operating temperature range t j storage temperature range t stg 1. unit mounted on 9" x 3.5" x 4.6" (23 x 9 x 11.8cm) al. finned plate. 2. bolt down on heatsink with silicon thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw. maximum instantaneous forward voltage drop maximum repetitive peak reverse voltage single-phase bridge rectifier i r i fsm amps    i (av) v f (-65 to +150) (-65 to +150)   amps volts     m b4005-4010 http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd
a v e r a g e p o w e r d i s s i p a t i o n o f b r i d g e , average output current , 0 5 0 20 ( w ) 40 60 80 20 10 15 30 25 or resistive load inductive 35 j j max load capacitive t =t per bridge lement fig.3-typical forward characteristics 1%duty cycle pulse width=300us 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 inductive or resistive fig.1-derating curve for case temperature, ( c) instant aneous forward volt age,(v) i n s t a n t a n e o u s f o r w a r d c u r r e n t , 0.01 0.1 ( a ) 1.0 100 10 a v e r a g e f o r w a r d o u t p u t 0 0 50 15 25 c u r r e n t , ( a ) half wave 60hz single phase load 35 40 percent of rated peak reverse volt age,(%) 40 fig.5-maximum power dissipa tion i n s t a n t a n e o u s r e v e r s e c u r r e n t , 100 0.01 0 20 0.1 j t =25 c ( u a ) 1.0 10 100 100 60 80 120 140 j t =25 c j t =100 c fig.4-typical reverse characteristics forward surge current per element number of cycles at 60 hz fig.2-maximum non-repetitive peak 500 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 125 2 1 0 4 400 200 100 300 1 cycle heat sink mounting 600 700 6 8 10 20 40 60 100 t 8.3ms single half sine-wave (jedec method) =t j j max 9"x 3.5"x 4.6" thick (23 x 9 x 11.8cm) al.finned plate per bridge element 25 75 100 150 175 (a) 40 m b4005-4010 http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of MB4005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X